Part Number Hot Search : 
3AYO11 312ACT 48D12 MTL007 SRC12 AE101 LRTBG6SG HB02127
Product Description
Full Text Search
 

To Download ULLC0408FC05C12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05221.r3 10/12 page 1 05221 ullc0408fc05c u nb u m p ed l ow c a p a c itan c e fl i p c hi p tvs a rr ay d es cr i p tion the ullc0408fc05c flip chip employs advanced silicon p/n juncton technology for unmatched board-level transient voltage protecton against electrostatc dis - charge (esd) and electrical fast transients (eft). developed specifcally for high-density circuit protecton, this series meets the iec 61000-4-2 and 61000-4-4 require - ments. this low capacitance device is ideally suited for handheld devices, pcmcia and smart cards. the ullc0408fc05c provides esd protecton greater than 25 kilovolts and features superior clamping performance, low leakage current characteristcs and a response tme of less than a nanosecond. the low inductance virtually eliminates overshoot voltage due to package inductance. feat ur es ? compatble with iec 61000-4-2 (esd): air 15kv, contact 8kv ? compatble with iec 61000-4-4 (eft): 40a, 5/50ns ? esd protecton > 25 kilovolts ? low esd overshoot voltage ? bidirectonal confguraton & monolithic structure ? protects 4 isolated lines ? low capacitance: 6pf ? low leakage current ? rohs compliant ? reach compliant m e c hani c a l c ha r a c te r isti c s ? standard eia chip size: 0408 ? approximate weight: 0.73 milligrams ? lead-free platng ? solder refow temperature: ? lead-free - sn/ag/cu, 96/3.5/0.5: 260-270c ? flammability ratng ul 94v-0 ? 8mm tape per eia standard 481 a ppl i c ations ? cellular phones ? portable electronics ? smart cards p in c on f i gur ation
only one name means protektion? www.protekdevices.com 05221.r3 10/12 page 2 05221 ullc0408fc05c ty p i c a l devi c e c ha r a c te r isti c s ma x im u m r atin g s @ 25c unless o therwise specifed p a r amete r symbo l va lu e u nits operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c e l e c t r i c a l c ha r a c te r isti c s p e r l ine @ 25c unless o therwise specifed p a r t n u mbe r (n ote 1) r ated stand - o ff vo l ta g e v wm vo l ts minim u m b r ea k down vo l ta g e @ 1 m a v ( b r) vo l ts ma x im u m l ea k a g e curr ent @ v wm i d a ty p i c a l c a p a c itan c e @0 v , 1 mh z c p f ullc0408fc05c 5.0 6.0 5.0 6 notes 1. device is bidirectonal.
only one name means protektion? www.protekdevices.com 05221.r3 10/12 page 3 05221 ullc0408fc05c ty p i c a l devi c e c ha r a c te r isti c s f i gur e 1 ove r shoot & cl am p in g vo l ta g e esd t est pulse - 25 kilovolt, 1/30ns ( w aveshape) 5 v olts per division -5 5 15 25 35 f i gur e 2 c a p a c itan c e vs r eve r se vo l ta g e v r - reverse v oltage - v olts 0 2 4 6 0 4 8 cj - capactance - pf
only one name means protektion? www.protekdevices.com 05221.r3 10/12 page 4 05221 ullc0408fc05c so l de r r e fl ow in f o r mation pr inted c i rcu it boa r d r e c ommendations p a r amete r va lu e pad size on pcb 0.275mm pad shape round pad defniton non-solder mask defned pads solder mask opening 0.325mm round solder stencil thickness 0.150mm solder stencil aperture opening (laser cut, 5% tapered walls) 0.330mm round solder paste type no clean pad protectve finish osp (entek cu plus 106a) tolerance - edge to corner ball 50m solder ball side coplanarity (only applies to bumped devices) 20m maximum dwell time above liquidous (183c) 60 seconds soldering maximum temperature 270c t p 30-60 seconds ramp-up 15 seconds (m inimize) s older-time 15-20 seconds ramp-d own ramp-d own solder melt (m aximum t emp) m aximum s older refow (35-53c a bove m aximum solder melt t emp) ramp-up preheat (s tay b elow flux a ctvaton t emp) t emperature - c r e c ommended non-so l de r mas k de f ined p ad i llu st r ation non-solder mask d efned pad 0.275mm dia . solder mask opening 0.325mm dia . solder s tencil opening 0.330mm dia . req u i r ements temperature: t p for lead-free (sn/ag/cu): 260-270c preheat tme and temperature depends on solder paste and fux actva - ton temperature, component size, weight, surface area and platng.
only one name means protektion? www.protekdevices.com 05221.r3 10/12 page 5 05221 ullc0408fc05c u0408 p a ck a g e in f o r mation o u t l ine dimensions dim mi ll imete r s in c hes min ma x min ma x a 0.56 0.022 b 0.86 0.034 c 0.98 1.02 0.038 0.040 e 0.15 sq 0.006 sq f 1.97 2.03 0.078 0.080 i 0.406 0.016 n otes 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). a b c e f t op end i metalized die contacts side
only one name means protektion? www.protekdevices.com 05221.r3 10/12 page 6 05221 ullc0408fc05c u0408 p a ck a g e in f o r mation op tion 1 - l ayo u t dimensions dim mi ll imete r s in c hes nomina l nomina l a 0.51 0.020 c 0.30 0.012 d 0.46 0.018 e 0.20 0.008 f 0.15 sq 0.006 sq g 0.71 0.028 h 0.99 0.039 i 0.51 0.020 n otes 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). 3. preferred: usign 0.1mm (0.004) stencil. op tion 2 - l ayo u t dimensions dim mi ll imete r s in c hes nomina l nomina l a 0.51 0.020 f 0.15 sq 0.006 sq g 0.71 0.028 h 0.99 0.039 i 0.51 0.020 n otes 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). 3. preferred: usign 0.1mm (0.004) stencil. c g h a d e die contacts f solder p ads solder mask i solder print 0.010 - 0.012 dia. copper con t act 0.009[0.23] dia. g h i a f die contacts solder print 0.014 [0.36] dia. solder mask
only one name means protektion? www.protekdevices.com 05221.r3 10/12 page 7 05221 ullc0408fc05c ta p e and r ee l in f o r mation o r de r in g in f o r mation base p a r t n u mbe r l ead fr ee s uff i x ta p e s uff i x qty /r ee l r ee l si z e t u be qty ullc0408fc05c n/a -t75-1 5,000 7 n/a this device is only available in a lead-free confguraton. 10 pitches cumulatve tolerance on tape 0.2 w f b0 e p2 p0 d p a0 k0 t user directon of feed top cover tape s p e c i f i c ations ree l d ia. t a p e w idth a 0 b 0 k0 d e f w p0 p2 p t max 178(7) 8 0.80 0.10 1.20 0.10 0.70 0.10 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.20 4.00 0.12 2.00 0.05 2.00 0.10 0.25 n otes 1. dimensions in millimeters. 2. top view of tape. metal contacts are face down in tape package. 3. orientaton: preferred stencil - 0.1mm (0.004). 4. surface mount product is taped and reeled in accordance with eia 481. 5. 8mm plastc tape: 7 reels - 5,000 6. marking on reel: part number, date code and lot number. ta p e & r ee l o r ientation package outline, pad layout and tape specifcatons per document number 06026.r4 9/09. quad die - 0408
only one name means protektion? www.protekdevices.com 05221.r3 10/12 page 8 05221 ullc0408fc05c c om p any in f o r mation copyright ? protek devices 2007 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. patent information: this device is patented under u.s. patent no. des. d456,367s. c omp any pr ofile in business more than 20 years, protek devices? is a privately-held company located in tempe, arizona, that ofers a product line of tran - sient voltage suppressors (tvs); avalanche breakdown diodes; steering diode tvs arrays and other surge suppressor component products. these tvs devices protect electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulses (nemp), inductve switching and emi / rfi. protek devices also ofers high performance interface and linear products that include analog switches; multplexers; led drivers; audio control ics; rf and related high frequency products. the analog devices work in a host of con - sumer; industrial; automotve and other applicatons. c onta c t us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa b y t elephone general: 602-431-8101 sales: & marketng: 602-414-5109 customer service: 602-414-5114 product technical support: 602-414-5107 b y fax general: 602-431-2288 b y e -mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com pro t ek d evices (a sia pacifc) pte. ltd. 8 ubi road 2, #06-19 zervex singapore - 408538 tel: +65-67488312 fax: +65-67488313 w eb www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of ULLC0408FC05C12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X